Part Number Hot Search : 
SFH4053 WP63IT 79L09ACD MAX17503 TXV2N72 MBRB20 ICM7211A 405DH3
Product Description
Full Text Search
 

To Download CDSS101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Switching Diode
COMCHIP
www.comchip.com.tw
CDSS101A
Low Leakage Current Features
Designed for mounting on small surface. High speed switching. High mounting capability, strong surge withstand, high reliability.
0.008(R0.20) Typ.
0805(2012)
0.087(2.20) 0.079(2.00) 0.016(0.40) Typ
Mechanical data
Case: 0805(2012) standard package, molded plastic. Terminals: Solder plated, solderable per MIL-STD-750, method 2026. Polarity: Indicated by cathode band. Mounting position: Any. Weight: 0.0048 gram (approximately)
0.055(1.40) 0.047(1.20)
0.043 (1.10) 0.035(0.90)
Dimensions in inches and (millimeter)
Maximum Rating ( at T A = 25 C unless otherwise noted )
Parameter
Repetitive peak reverse voltage Reverse voltage Average forward current Forward current , surge peak Power Dissipation Storage temperature Junction temperature 8.3 ms single half sine-wave superimposed on rate load ( JEDEC method )
Conditions
Symbol Min Typ Max Unit
VRRM VR Io IFSM PD TSTG Tj -55 -55 1000 300 +125 +125 90 80 100 V V mA mA mW C C
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
Parameter
Forward voltage Reverse current Capacitance between terminals Reverse recovery time VR = 75 V f = 1MHz, and 1 VDC reverse voltage VR = 6V, IF = 10 mA, R =50 ohms
Conditions
I F = 100 mA DC
Symbol Min Typ Max Unit
VF IR CT Trr 1.00 50 3 4 V nA pF nS
RDS0208009-C
Page 1
SMD Switching Diode
COMCHIP
www.comchip.com.tw
RATING AND CHARACTERISTIC CURVES (CDSS101A)
Fig. 1 - Forward characteristics
1000 10u
Fig. 2 - Reverse characteristics
125 C
Forward current ( mA )
100
Reverse current ( A )
1u
75 C
100n
10
25 C
10n
1 0 0.2 0.4
75 C 25 C -2 5 C
125 C
1n 0.6 0.8 1.0 1.2 0 10 20 30 40 50 60 70 80
Forward voltage (V)
Reverse voltage (V)
Fig. 3 - Capacitance between terminals characteristics
5.0
Fig. 4 - Current derating curve
Capacitance between terminals (pF)
Average forward current ( % )
4.0
f = 1 MHz Ta = 25 C
Mounting on glass epoxy PCBs
100
3.0
80
60
2.0
40
1.0
20
0 0 2 4 6 8 10 12 14
0
0 25 50 75 100 125 150
Reverse voltage (V)
Ambient temperature ( C )
RDS0208009-C
Page 2


▲Up To Search▲   

 
Price & Availability of CDSS101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X